|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF201L2S Diode Fast Recovery Diode RF201L2S Applications General rectification DimensionsUnit : mm Land size figure(Unit : mm) 2.0 2.0 2.60.2 Features 1)Small power mold type. PMDS 2)Ultra low VF 3)Ultra high switching speed 4)Low switching loss Construction Silicon epitaxial 0.10.02 0.1 5.00.3 6 7 6 4.50.2 1.20.3 1.50.2 2.00.2 PMDS Structure ROHM : PMDS JEDEC : SOD-106 Manufacture date Taping specifications Unit : mm 2.00.05 4.00.1 1.550.05 1.750.1 0.3 5.50.05 1.55 2.90.1 4.00.1 2.8MAX Absolute maximum ratings Ta=25 Parameter Reverse voltage (repetitive) Reverse voltage (DC) Average rectified forward current Forward current surge peak 60Hz1cyc Junction temperature Storage temperature Symbol VRM VR Io IFSM Tj Tstg (*1)Mounting on epoxi board. 180Half sine wave Limits 200 200 2 20 150 -55 to +150 Unit V V A A Electrical characteristicsTa=25 Parameter Forward voltage Reverse current Reverse recovery time Symbol VF IR Min. Typ. 0.815 0.01 14 Max. 0.87 10 25 Unit V A ns Conditions IF=2.0A VR=200V IF=0.5A,I R=1A,Irr=0.25*I R trr 5.30.1 0.05 9.50.1 120.2 4.2 1/3 Diode RF201L2S 10 75 10000 150 1000 f=1MHz REVERSE CURRENT:IR(nA) FORWARD CURRENT:IF(A) 1 150 0.1 125 25 0.01 75 100 25 10 -25 1 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 200 1000 125 100 10 -25 0.001 0.2 0.3 0.4 0.5 0.6 0.7 0.8 FORWARD VOLTAGEVF(V) VF-IF CHARACTERISTICS 0.9 0.1 0 50 100 150 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 1 0 5 10 15 20 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 25 30 850 FORWARD VOLTAGE:VF(mV) Ta=25 IF=2A n=30pcs 100 90 REVERSE CURRENT:IR(nA) CAPACITANCE BETWEEN TERMINALS:Ct(pF) 150 Ta=25 Ta=25 VR=200V VR=200V n=30pcs n=30pcs 140 130 120 110 100 90 80 70 60 50 IR DISPERSION MAP Ct DISPERSION MAP AVE:102.3pF f=1MHz VR=0V 840 80 70 60 50 40 30 20 10 0 AVE:16.6ns 830 AVE:815.3mV 820 810 800 VF DISPERSION MAP 250 RESERVE RECOVERY TIME:trr(ns) Ifsm PEAK SURGE FORWARD CURRENT:IFSM(A) 200 8.3ms AVE:108.0A 1cyc 30 25 20 15 10 5 0 IFSM DISRESION MAP trr DISPERSION MAP Mounted on epoxy board 1000 PEAK SURGE FORWARD CURRENT:IFSM(A) 150 Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs Ifsm 8.3ms 8.3ms 1cyc 100 100 AVE:14.3ns 10 50 0 1 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100 200 1000 TRANSIENT THAERMAL IMPEDANCE:Rth (/W) Ifsm IM=10m A 1m time IF=100mA 3 Rth(j-a) 2.5 FORWARD POWER DISSIPATION:Pf(W) 2 1.5 1 0.5 PEAK SURGE FORWARD CURRENT:IFSM(A) 150 t 100 300u D=1/2 Sin(180) DC 100 10 Rth(j-c) 50 1 0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100 0.1 0.001 0.01 0.1 1 10 100 1000 0 TIME:t(s) Rth-t CHARACTERISTICS 0 1 2 3 4 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS 2/3 Diode RF201L2S 5 0A 0V Io t T D=1/2 2 Sin(180) AVERAGE RECTIFIED FORWARD CURRENT:Io(A) VR D=t/T VR=100V Tj=150 5 DC AVERAGE RECTIFIED FORWARD CURRENT:Io(A) 4 DC 4 t T ELECTROSTATIC DISCHARGE TEST ESD(KV) 0A 0V Io VR D=t/T VR=100V Tj=150 30 25 20 15 AVE:21.0kV 10 5 0 No break at 30kV 3 3 D=1/2 2 Sin(180) 1 1 0 0 0 25 50 75 100 125 150 0 25 50 75 100 125 150 C=200pF R=0 C=100pF R=1.5k AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta) CASE TEMPARATURE:Tc() Derating Curve(Io-Tc) ESD DISPERSION MAP 3/3 Appendix Notes No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design. The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog. Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office. ROHM Customer Support System www.rohm.com Copyright (c) 2007 ROHM CO.,LTD. THE AMERICAS / EUPOPE / ASIA / JAPAN Contact us : webmaster@ rohm.co. jp 21, Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan TEL : +81-75-311-2121 FAX : +81-75-315-0172 Appendix1-Rev2.0 |
Price & Availability of RF201L2S |